Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE65T360D Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE65T360D
Description  N-Channel Super Junction Power MOSFET Ⅲ
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE65T360D Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE65T360D Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65T360D Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wuxi NCE Power Co., Ltd
Page
http://www.ncepower.com
v1.1
1
NCE65T360D,NCE65T360,NCE65T360F
N-Channel Super Junction Power MOSFET Ⅲ
General Description
The
series of devices use advanced trench gate super
junction technology and design to provide excellent RDS(ON)
with low gate charge. This super junction MOSFET fits the
industry’s AC-DC SMPS requirements for PFC, AC/DC
power conversion, and industrial power applications.
Features
●
New technology for high voltage device
●
Low on-resistance and low conduction losses
●
small package
●
Ultra Low Gate Charge cause lower driving requirements
●
100% Avalanche Tested
●
ROHS compliant
Application
●
Power factor correction(PFC)
●
Switched mode power supplies(SMPS)
●
Uninterruptible Power Supply(UPS)
VDS
650
V
RDS(ON)TYP
290
mΩ
ID
11.5
A
Package Marking And Ordering Information
Device
Device Package
Marking
NCE65T360D
TO-263
NCE65T360D
NCE65T360
TO-220
NCE65T360
NCE65T360F
TO-220F
NCE65T360F
Table 1. Absolute Maximum Ratings (TC=25℃)
Parameter
Symbol
NCE65T360D
NCE65T360
NCE65T360F
Unit
Drain-Source Voltage (
VGS=0V)
VDS
650
V
Gate-Source Voltage (
VDS=0V), AC(f>1HZ)
VGS
±
30
V
Continuous Drain Current at TC =25°C
ID (DC)
11.5
11.5*
A
Continuous Drain Current at TC =100°C
ID (DC)
7
7*
A
Pulsed drain current (Note 1)
IDM (pluse)
46
46*
A
Maximum Power Dissipation(TC=25℃)
Derate above 25°C
PD
101
0.81
32.6
0.26
W
W/
°C
Single pulse avalanche energy (Note2)
EAS
144
mJ
Avalanche current(Note 1)
IAR
6
A
Repetitive Avalanche energy ,tAR limited by Tjmax
(Note 1)
EAR
0.5
mJ
Schematic diagram
TO-263
TO-220
TO-220F


Similar Part No. - NCE65T360D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE65T360D NCEPOWER-NCE65T360D Datasheet
1Mb / 10P
N-Channel Super Junction Power MOSFET Ⅲ
V1.1
NCE65T360D NCEPOWER-NCE65T360D Datasheet
1Mb / 10P
N-Channel Super Junction Power MOSFET Ⅲ
V1.1
More results

Similar Description - NCE65T360D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
N-Channel Super Junction Power MOSFET
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
N-Channel Super Junction Power MOSFET
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
N-Channel Super Junction Power MOSFET
RM12N650LD RECTRON-RM12N650LD Datasheet
627Kb / 9P
N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com