Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3204 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3204
Description  1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3204 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3204 Datasheet HTML 1Page - Monolithic Power Systems MP3204 Datasheet HTML 2Page - Monolithic Power Systems MP3204 Datasheet HTML 3Page - Monolithic Power Systems MP3204 Datasheet HTML 4Page - Monolithic Power Systems MP3204 Datasheet HTML 5Page - Monolithic Power Systems MP3204 Datasheet HTML 6Page - Monolithic Power Systems MP3204 Datasheet HTML 7Page - Monolithic Power Systems MP3204 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP3204 – 6V, 1.3MHz WHITE LED DRIVER
MP3204 Rev. 1.3
www.MonolithicPower.com
3
9/23/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Enable
EN Threshold
VEN Rising
1.0
1.35
1.6
V
EN Threshold
VEN Rising, VIN = 2.5V
0.8
V
EN Hysteresis
90
mV
EN Input Bias Current
VEN = 0V, 5V
1
µA
Feedback
FB Voltage
94
104
114
mV
FB Input Bias Current
VFB = 0.1V
-600
-300
nA
Output Switch
SW On-Resistance
(4)
RON
0.5
Ω
SW Current Limit
Duty Cycle = 60%
350
mA
Thermal Shutdown
(4)
160
°C
Notes:
4) Guaranteed by design, not tested.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power
inductor and output rectifier to SW. SW can swing between GND and 25V.
2
GND
Ground.
3
FB
Feedback Input. The MP3204 regulates the voltage across the current sense resistor
between FB and GND. Connect a current sense resistor from the bottom of the LED string
to GND. Connect the bottom of the LED string to FB. The regulation voltage is 104mV.
4
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a low input
turns it off. When not used, connect EN to the input source for automatic startup. The EN
pin cannot be left floating.
5
OV
Over Voltage Input. OV measures the output voltage for open circuit protection. Connect
OV to the output at the top of the LED string.
6
IN
Input Supply. This pin must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com