Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6001DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems MP6001DN Datasheet HTML 7Page - Monolithic Power Systems MP6001DN Datasheet HTML 8Page - Monolithic Power Systems MP6001DN Datasheet HTML 9Page - Monolithic Power Systems MP6001DN Datasheet HTML 10Page - Monolithic Power Systems MP6001DN Datasheet HTML 11Page - Monolithic Power Systems MP6001DN Datasheet HTML 12Page - Monolithic Power Systems MP6001DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
9
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
2. Ripple Factor of the Magnetizing Current
The conduction loss in S, D2, the transformer,
the snubber, and in the ESR of the input/output
capacitors will increase as the ripple of the
magnetizing current increases. The ripple factor
(Kr) is defined as the ratio of the peak-to-peak
ripple current vs. the average current as shown
in Figure 3.
M
M
r
I
I
K
∆
=
Where IM can be derived either from input or
output current;
)
D
1
(
N
I
D
I
I
0
IN
M
−
×
=
=
MP6001_F03
IM
IM
ID2/N
TS
DTS
0
Figure 3—Magnetic Current of Flyback
Transformer (Reflected to Primary Side)
The input/output ripple voltage will also
increase with a high ripple factor, which makes
the filter bigger and more expensive. On the
other hand, it can help to minimize the turn-on
loss of S and reverse-recovery loss due to D2.
With nominal input voltage, Kr can be selected
at 60%~120% for most DC-DC converters.
The primary side (or magnetizing) inductance
can be determined by:
M
r
S
IN
F
I
K
T
D
V
L
×
×
×
=
3. Core Selection
Pick a core based on experience or through a
catalog (Refer to http://www.ferroxcube.com).
Select an ER, EQ, PQ, or RM core to minimize
the transformer’s leakage inductance.
4. Winding Selection
Solid wire, Litz wire, PCB winding, Flex PCB
winding or any combination thereof can be used
as transformer winding. For low current
applications, solid wire is the most cost effective
choice. Consider using several wires in parallel
and interleaving the winding structure for better
performance of the transformer.
The number of primary turns can be determined
by:
E
MAX
P
F
P
A
B
I
L
N
×
×
=
Where BMAX is the allowed maximum flux
density (usually below 300mT) and AE is the
effective area of the core.
The air gap can be estimated by:
F
E
2
o
L
A
N
Gap
×
×
µ
=
5. Right Half Plane Zero
A Flyback converter operating in continuous
mode has a right half plane (RHP) zero. In the
frequency domain, this RHP zero adds not only
a phase lag to the control characteristics but
also increases the gain of the circuit. Typical
rule of thumb states that the highest usable
loop crossover frequency is limited to one third
the value of the RHP zero. The expression for
the location of the RHP zero in a continuous
mode flyback is given by:
2
F
2
LOAD
RHPZ
N
D
L
2
)
D
1
(
R
f
×
×
×
π
−
×
=
Where RLOAD is the load resistance, LF is the
magnetizing inductance on transformer primary
side, and N is the transformer’s turn ratio.
Reducing the primary inductance increases the
RHP zero frequency which results in higher
crossover frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com