Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8025ADK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA8025ADK
Description  Low-voltage 1.8GHz fractional-N synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8025ADK Datasheet(HTML) 4 Page - NXP Semiconductors

  SA8025ADK Datasheet HTML 1Page - NXP Semiconductors SA8025ADK Datasheet HTML 2Page - NXP Semiconductors SA8025ADK Datasheet HTML 3Page - NXP Semiconductors SA8025ADK Datasheet HTML 4Page - NXP Semiconductors SA8025ADK Datasheet HTML 5Page - NXP Semiconductors SA8025ADK Datasheet HTML 6Page - NXP Semiconductors SA8025ADK Datasheet HTML 7Page - NXP Semiconductors SA8025ADK Datasheet HTML 8Page - NXP Semiconductors SA8025ADK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Philips Semiconductors
Product specification
SA8025A
1.8GHz low-voltage Fractional-N synthesizer
1996 Oct 15
4
BLOCK DIAGRAM
SERIAL INPUT + PROGRAM LATCHES
MAIN DIVIDERS
PRESCALER
MODULUS
NORMAL
OUTPUT
CHARGE
PUMP
INTEGRAL
OUTPUT
CHARGE
PUMP
AUXILIARY
OUTPUT
CHARGE
PUMP
MAIN
PHASE
DETECTOR
MAIN
REFERENCE
SELECT
SPEED-UP
OUTPUT
CHARGE
PUMP
REFERENCE DIVIDER
÷2
÷2
÷2
AUXILIARY
REFERENCE
SELECT
AUXILIARY
PHASE
DETECTOR
AUXILIARY DIVIDER
1/4
DATA
CLOCK
STROBE
RFIN
RFIN
REFIN
AUXIN
FB
RF
RN
PHP
PHI
RA
PHA
LOCK
VDD
VDDA
VSS
VSSA
EM
PR
NM1
NM2
NM3
FMOD
NF
2
12
8
3
FRD
CN
8
2
2
EM
NR
EM+EA
12
SA
EA
PA
NA
2
4
SM
EA
2
CK
CL
2
12
FRACTIONAL
ACCUMULATOR
64/65/68/73
FB
TEST
VCCP
PRESCALER
2
CONTROL
PRESCALER
SR00624
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com