Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3832 Datasheet(PDF) 3 Page - EPCOS

Part # B3832
Description  SAW Components Low-Loss Filter 1747,5 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3832 Datasheet(HTML) 3 Page - EPCOS

  B3832 Datasheet HTML 1Page - EPCOS B3832 Datasheet HTML 2Page - EPCOS B3832 Datasheet HTML 3Page - EPCOS B3832 Datasheet HTML 4Page - EPCOS B3832 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Feb 23, 2006
SAW Components
B3832
1747,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -0 ... +70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
1747,5
—
MHz
Maximum insertion attenuation
α
max
1710,0 MHz ... 1785,0 MHz
—
3,1
4,0
dB
Amplitude ripple (p-p)
∆α
1710,0 MHz ... 1785,0 MHz
—
1,1
2,0
dB
VSWR
1710,0 MHz ... 1785,0 MHz
—
2,2
3,0
Absolute attenuation
α
abs
1330,0 MHz ... 1405,0 MHz
42
45
—
dB
1464,0 MHz ... 1539,0 MHz
40
43
—
dB
1615,0 MHz
28
35
—
dB
1690,0 MHz
5
12
—
dB
1805,0 MHz
5
14
—
dB
1880,0 MHz
25
32
—
dB
1956,0 MHz ... 2031,0 MHz
32
34
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com