Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3834 Datasheet(PDF) 2 Page - EPCOS

Part # B3834
Description  SAW Components Low-Loss Filter 390,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3834 Datasheet(HTML) 2 Page - EPCOS

  B3834 Datasheet HTML 1Page - EPCOS B3834 Datasheet HTML 2Page - EPCOS B3834 Datasheet HTML 3Page - EPCOS B3834 Datasheet HTML 4Page - EPCOS B3834 Datasheet HTML 5Page - EPCOS B3834 Datasheet HTML 6Page - EPCOS B3834 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Oct 17, 2001
SAW Components
B3834
390,0 MHz
Low-Loss Filter
Data Sheet
Ceramic SMD package QCC8C
Features
q
Low-loss filter for TETRA
q
Usable bandwidth 20 MHz
q
No matching required for operation at 50
Ω
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,10 g
Pin configuration
2
Input
3
Input ground
6
Output
7
Output ground
1, 5
Ground
4, 8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3834
B39391-B3834-U310
C61157-A7-A56
F61074-V8070-Z000
Maximum ratings
Operable temperature range
T
-40/ +85
˚C
Storage temperature range
Tstg
-40/ +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com