Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3862 Datasheet(PDF) 3 Page - EPCOS

Part # B3862
Description  SAW Components Low-Loss Filter 51,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3862 Datasheet(HTML) 3 Page - EPCOS

  B3862 Datasheet HTML 1Page - EPCOS B3862 Datasheet HTML 2Page - EPCOS B3862 Datasheet HTML 3Page - EPCOS B3862 Datasheet HTML 4Page - EPCOS B3862 Datasheet HTML 5Page - EPCOS B3862 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Oct 18, 2002
SAW Components
B3862
51,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -10 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
min.
typ.
max.
Nominal frequency
fN
—
51,00
—
MHz
Minimum insertion attenuation
α
min
(including matching network)
—
8,5
10,0
dB
Passband width
α
rel ≤ 2 dB
B2dB
—
2,4
—
MHz
α
rel ≤ 20 dB
B20dB
—
3,5
3,84 MHz
Amplitude ripple (p-p)
∆α
fN ± 1,00 MHz
—
0,8
1,5
dB
Phase ripple (p-p)
∆ϕ
fN ± 1,00 MHz
—
5
10
˚
Unit to Unit Phase Slope Variation1)
1) Variation of absolute phase at each frequency point compared with mean value of each production lot. Additional
constant offset for all frequency points of up to
± 5˚ is allowed.
∆ϕ
v
fN ± 1,00 MHz
—
± 1
± 5˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 1,92 MHz ... fN ± 10,0 MHz
22
25
—
dB
fN ± 10,0 MHz ... fN ± 20,0 MHz
30
60
—
dB
0,5
MHz ...
31,0 MHz
40
60
—
dB
71
MHz ...
160
MHz
40
45
—
dB
160
MHz ...
2200
MHz
20
30
—
dB
VSWR
fN ± 1,0 MHz
—
1,5:1
2,3:1
Temperature coefficient of frequency
TCf
—
– 18
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com