Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3863 Datasheet(PDF) 1 Page - EPCOS

Part # B3863
Description  SAW Components Low-Loss Filter 72,9746 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3863 Datasheet(HTML) 1 Page - EPCOS

  B3863 Datasheet HTML 1Page - EPCOS B3863 Datasheet HTML 2Page - EPCOS B3863 Datasheet HTML 3Page - EPCOS B3863 Datasheet HTML 4Page - EPCOS B3863 Datasheet HTML 5Page - EPCOS B3863 Datasheet HTML 6Page - EPCOS B3863 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IF Filters for Basestations
The following products presented in this data sheet are being withdrawn.
Ordering Code
Substitute Product
Date of
Withdrawal
Deadline Last
Orders
Last Shipments
B39730B3863U210
2006-12-01
2007-02-28
2007-05-31
For further information please contact your nearest EPCOS sales office, which will also support
you in selecting a suitable substitute. The addresses of our worldwide sales network are
presented at www.epcos.com/sales.


Similar Part No. - B3863

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3860 EPCOS-B3860 Datasheet
63Kb / 5P
Low-Loss Filter SAW Components
B3861 EPCOS-B3861 Datasheet
76Kb / 6P
SAW Components Bandpass Filter 250,0 MHz
B3862 EPCOS-B3862 Datasheet
61Kb / 6P
SAW Components Low-Loss Filter 51,00 MHz
B3864 EPCOS-B3864 Datasheet
76Kb / 7P
SAW Components Low-Loss Filter 119,6 MHz
B3865 EPCOS-B3865 Datasheet
68Kb / 6P
SAW Components Low-Loss Filter 240,0 MHz
More results

Similar Description - B3863

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
SAW Components Low-loss Filter 433,92 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com