Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3866 Datasheet(PDF) 3 Page - EPCOS

Part # B3866
Description  SAW Components Low-Loss Filter 201,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3866 Datasheet(HTML) 3 Page - EPCOS

  B3866 Datasheet HTML 1Page - EPCOS B3866 Datasheet HTML 2Page - EPCOS B3866 Datasheet HTML 3Page - EPCOS B3866 Datasheet HTML 4Page - EPCOS B3866 Datasheet HTML 5Page - EPCOS B3866 Datasheet HTML 6Page - EPCOS B3866 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Aug 23, 2002
SAW Components
B3866
201,0 MHz
Low-Loss Filter
Data Sheet
top view
side view
bottom view
13,3
1,0
7,62
12
3
4
5
6
7
8
9
10
3,81
Ceramic package DCC12A
Features
q
Low-loss IF filter for GSM / EDGE base station
q
Channel selection in PCS, DCS systems
q
Temperature stable
q
Balanced and unbalanced operation possible
q
Ceramic SMD package
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,4 g
Pin configuration
1, 10
Balanced input
5, 6
Balanced output
3, 8
Ground
2, 4, 7, 9
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3866
B39201-B3866-H510
C61157-A7-A94
F61074-V8163-Z000
Maximum ratings
Operable temperature range
TA
–30 / +85
˚C
Storage temperature range
Tstg
–30 / +85
˚C
DC voltage
VDC
5
V
between terminals 1 and 10
0
V
else
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com