Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3898 Datasheet(PDF) 4 Page - EPCOS

Part # B3898
Description  SAW Components SAW IF filter 172.80 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3898 Datasheet(HTML) 4 Page - EPCOS

  B3898 Datasheet HTML 1Page - EPCOS B3898 Datasheet HTML 2Page - EPCOS B3898 Datasheet HTML 3Page - EPCOS B3898 Datasheet HTML 4Page - EPCOS B3898 Datasheet HTML 5Page - EPCOS B3898 Datasheet HTML 6Page - EPCOS B3898 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jun 12, 2006
B3898
172.80 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 50
Ω:(element values depend on PCB layout)
Lp1 = 22 nH Ls2 = 33 nH
Lp3 = 120 nH
Ls4 = 82 nH Ls5 = 82 nH
Lp6 = 220 nH
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+125 ˚C
DC voltage
VDC
0
V
ESD voltage
VESD
200
V
HBM, 1 pulse
Input power
PIN
10
dBm
Lp6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com