Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4059 Datasheet(PDF) 4 Page - EPCOS

Part # B4059
Description  SAW Components Low Loss Filter for Automotive Telematics 1575,42 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4059 Datasheet(HTML) 4 Page - EPCOS

  B4059 Datasheet HTML 1Page - EPCOS B4059 Datasheet HTML 2Page - EPCOS B4059 Datasheet HTML 3Page - EPCOS B4059 Datasheet HTML 4Page - EPCOS B4059 Datasheet HTML 5Page - EPCOS B4059 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Jan 25, 2005
SAW Components
B4059
1575,42 MHz
Low Loss Filter for Automotive Telematics
Data Sheet
Characteristics
Operating temperature range:
T
= -40 ˚C to +105 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,22 ... 1576,62 MHz
—
2,8
3,7
dB
Amplitude ripple (p-p)
∆α
1574,22 ... 1576,62 MHz
—
0,9
1,5
dB
Attenuation
α
0,00 ... 1425,00 MHz
50
55
—
dB
1425,00 ... 1525,00 MHz
33
36
—
dB
1525,00 ... 1535,42 MHz
45
48
—
dB
1615,00 ... 1625,00 MHz
30
37
—
dB
1625,00 ... 2200,00 MHz
40
45
—
dB
2200,00 ... 4000,00 MHz
30
38
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com