Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4141 Datasheet(PDF) 6 Page - EPCOS

Part # B4141
Description  SAW Components Low-Loss Filter for Mobile Communication 942,50 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4141 Datasheet(HTML) 6 Page - EPCOS

  B4141 Datasheet HTML 1Page - EPCOS B4141 Datasheet HTML 2Page - EPCOS B4141 Datasheet HTML 3Page - EPCOS B4141 Datasheet HTML 4Page - EPCOS B4141 Datasheet HTML 5Page - EPCOS B4141 Datasheet HTML 6Page - EPCOS B4141 Datasheet HTML 7Page - EPCOS B4141 Datasheet HTML 8Page - EPCOS B4141 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Mar 01, 2001
SAW Components
B4141
942,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω || 47 nH
( L simulated with Q factor 20 )
min.
typ.
max.
Center frequency
fC
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
2,7
3,8
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
1,1
2,0
dB
Input VSWR
925,0
... 960,0
MHz
—
1,8
2,3
Output VSWR
925,0
... 960,0
MHz
—
1,8
2,1
Attenuation
α
0,0
... 600,0
MHz
60
78
—
dB
600,0
... 880,0
MHz
50
66
—
dB
880,0
... 905,0
MHz
30
40
—
dB
905,0
... 915,0
MHz
20
28
—
dB
980,0
...1025,0
MHz
20
23
—
dB
1025,0
...1050,0
MHz
35
44
—
dB
1050,0
...1920,0
MHz
50
70
—
dB
1920,0
...2880,0
MHz
30
60
—
dB
2880,0
...3840,0
MHz
23
49
—
dB
3840,0
...5000,0
MHz
18
36
—
dB
5000,0
...6000,0
MHz
10
35
—
dB
Symmetry in band
(referenced to the matched operating condition)
|S31|/|S21|
925,0
... 960,0
MHz
-1,0
0
1,0
dB
arg(S31/S21)
925,0
... 960,0
MHz
170
180
190
˚



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com