Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD5614 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5614
Description  1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5614 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5614 Datasheet HTML 1Page - Solid States Devices, Inc SPD5614 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Fast Recovery: 5 µsec Maximum
• PIV 200 to 1000 Volts
• Low Reverse Leakage Current
• Hermetically Sealed
• Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• Available in Surface Mount Versions
• Replaces 1N5614 to 1N5622
• TX, TXV, and Space Level Screening Available
SPD5614
thru
SPD5622
1 AMP
200 ─ 1000 VOLTS
STANDARD RECOVERY
RECTIFIER
AXIAL
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD5614
SPD5616
SPD5618
SPD5620
SPD5622
VRRM
VRWM
VR
200
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
1
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO,
allow junction to reach equilibrium between pulses, TA=25
oC)
IFSM
30
Amps
Operating and Storage Temperature
TJ & Tstg
-65 to +175
oC
Thermal Resistance
Junction to Leads, L = ⅜″
RθJL
35
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00011B
DOC


Similar Part No. - SPD5614

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5614 SSDI-SPD5614 Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5614 SSDI-SPD5614 Datasheet
583Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5614S SSDI-SPD5614S Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
More results

Similar Description - SPD5614

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4942 MCC-1N4942 Datasheet
81Kb / 3P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
1N4942GP MCC-1N4942GP Datasheet
81Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614_1 Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
logo
Micro Commercial Compon...
1N4942 MCC-1N4942_13 Datasheet
451Kb / 4P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com