Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4179 Datasheet(PDF) 2 Page - EPCOS

Part # B4179
Description  SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4179 Datasheet(HTML) 2 Page - EPCOS

  B4179 Datasheet HTML 1Page - EPCOS B4179 Datasheet HTML 2Page - EPCOS B4179 Datasheet HTML 3Page - EPCOS B4179 Datasheet HTML 4Page - EPCOS B4179 Datasheet HTML 5Page - EPCOS B4179 Datasheet HTML 6Page - EPCOS B4179 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Dec 05, 2001
SAW Components
B4179
897,5 MHz
Low-Loss Filter for Mobile Communication
Data sheet
Ceramic package DCC6D
Features
s
Low-loss RF filter for mobile telephone
EGSM system, transmit path
s
Usable passband 35 MHz
s
Balanced to unbalanced operation
s
Impedance transformation from 100
Ω
to 50
Ω
s
Ceramic Package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Output, unbalanced
4, 6
Input, balanced
1, 3, 5
Case ground
1, 3, 5
to be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4179
B39901-B4179-U510
C61157-A7-A68
F61074-V8089-Z000
Maximum ratings
Operable temperature range
T
– 10 / + 80
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
ESD voltage
VESD
200
V
Input power max.
880...915 MHz
elsewhere
PIN
10
0
dBm
dBm
source impedance 100
Ω,
load impedance 50
Ω;
effective input power in ON-state,
duty cycle 2 : 8
continuous wave



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com