Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA165AHF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA165AHF
Description  6 - 10 AMPS 50 - 800 VOLTS HYPER FAST SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA165AHF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA165AHF Datasheet HTML 1Page - Solid States Devices, Inc SDA165AHF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
SDA165
6 - 10 AMPS
50 - 800 VOLTS
HYPER FAST
SINGLE PHASE BRIDGE
SDA165AHF
thru
SDA165HHF
• PIV 50 to 800 Volts
• Average Output 6 - 10A.
• Reverse Recovery 35 nsec Max
• Small Size
• Hermetically Sealed Rectifiers
• Easy PC Mounting
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• TX and TXV Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0008D
Part
Number
Symbol
Units
Conditions
SDA165AHF
SDA165BHF
SDA165CHF
SDA165DHF
SDA165EHF
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oC
10
125
50
10
125
100
10
125
0.95
150
6
50
1.05
200
6
50
1.05
300
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300
µsec minimum.
2. Unless otherwise specified: TA = 25oC.
Maximum
Reverse Current
(@ PIV)
IR
µµµµµA
25oC
100oC
5.0
200
5.0
200
5.0
200
10.0
1000
10.0
1000
0.95
0.95
25oC
SDA165FHF
6
75
1.85
400
10.0
250
SDA165GHF
6
75
1.85
600
10.0
250
SDA165HHF
6
75
2.30
800
10.0
250
TA= 25oC
@IF
Amps
6
3
3
6
6
3
3
3
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SDA165AHF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
More results

Similar Description - SDA165AHF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
MB12A35 POWEREX-MB12A35 Datasheet
204Kb / 2P
Modular Single Phase Assemblies 10-35 Amperes/50-800 Volts
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA160A SSDI-SDA160A Datasheet
223Kb / 2P
40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SFA1202ME4 SSDI-SFA1202ME4 Datasheet
342Kb / 2P
10 AMPS 200 - 400 VOLTS 20 nsec HYPER SINGEL PHASE BRIDGE RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
RA0008 SSDI-RA0008_15 Datasheet
26Kb / 2P
HYPER FAST SINGLE PHASE BRIDGE
logo
Naina Semiconductor ltd...
MDQ50 NAINA-MDQ50 Datasheet
164Kb / 2P
Single Phase Bridge Rectifier, 50 Amps
logo
Micro Commercial Compon...
GBU10KL MCC-GBU10KL Datasheet
245Kb / 2P
10 Amp Single Phase Glass Passivated Bridge Rectifiers 800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com