Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4228 Datasheet(PDF) 2 Page - EPCOS

Part # B4228
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4228 Datasheet(HTML) 2 Page - EPCOS

  B4228 Datasheet HTML 1Page - EPCOS B4228 Datasheet HTML 2Page - EPCOS B4228 Datasheet HTML 3Page - EPCOS B4228 Datasheet HTML 4Page - EPCOS B4228 Datasheet HTML 5Page - EPCOS B4228 Datasheet HTML 6Page - EPCOS B4228 Datasheet HTML 7Page - EPCOS B4228 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sep 09, 2002
SAW Components
B4228
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
s
2,54
0,6
5,0
13
2
987
bottom view
side view
top view
Chip sized SAW package QCS12B
Features
s
Low-loss duplexer for cellular band mobile tele-
phone systems
s
50
Ω ports by integrated matching network
s
Multifunctional ceramic base material for Sur-
face Mounted Technology (SMT)
s
Small size and low height
Dimensions in mm, approx. weight 0,13 g
Pin configuration
5
TX Input
11
RX Output
8
Antenna
1, 2, 3, 4, 6
Ground
7, 9, 10, 12
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4228
B39881-B4228-D410
C61157-A3-A2
F61074-V8159-Z000
Maximum ratings
Operating temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Input power max.
824,0 ... 849,0 MHz
elsewhere
PIN
30
10
dBm
dBm
source and load impedance 50
Ω
continuous
wave
1,2,3,4,6
7,9,10,12
8
5
11
}



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com