Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4229 Datasheet(PDF) 3 Page - EPCOS

Part # B4229
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4229 Datasheet(HTML) 3 Page - EPCOS

  B4229 Datasheet HTML 1Page - EPCOS B4229 Datasheet HTML 2Page - EPCOS B4229 Datasheet HTML 3Page - EPCOS B4229 Datasheet HTML 4Page - EPCOS B4229 Datasheet HTML 5Page - EPCOS B4229 Datasheet HTML 6Page - EPCOS B4229 Datasheet HTML 7Page - EPCOS B4229 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jul 26, 2002
SAW Components
B4229
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data Sheet
Characteristics
Reference temperature
T
=25
± 2˚C
ANT terminating impedance
ZANT =50 Ω
RX terminating impedance
ZRX =50 Ω
TX terminating impedance
ZTX =50 Ω
Characteristics TX - ANT
min.
typ.
max.
Center frequency
fc
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,00 ... 849,00 MHz
—
2,2
2,4
dB
Amplitude ripple (p-p)
∆α
824,00 ... 849,00 MHz
—
0,8
1,1
dB
Return loss
824,00 ... 849,00 MHz
7,5
8,2
—
dB
Attenuation
α
0,03 ... 800,00 MHz
21
32
—
dB
869,00 ... 894,00 MHz
44
46
—
dB
914,00 ... 1004,00 MHz
30
34
—
dB
1004,00 ... 3200,00 MHz
20
23
—
dB
1648,00 ... 1698,00 MHz
30
38
—
dB
2472,00 ... 2547,00 MHz
20
25
—
dB
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869,00 ... 894,00 MHz
—
2,9
3,3
dB
Amplitude ripple (p-p)
∆α
869,00 ... 894,00 MHz
—
1,0
1,8
dB
Return loss
869,00 ... 894,00 MHz
9,0
10,0
—
dB
Attenuation
α
0,03 ... 824,00 MHz
35
40
—
dB
824,00 ... 849,00 MHz
54
55
—
dB
914,00 ... 1000,00 MHz
36
40
—
dB
1000,00 ... 1200,00 MHz
36
39
—
dB
1200,00 ... 3200,00 MHz
30
35
—
dB
Characteristics TX - RX
min.
typ.
max.
Isolation between TX and RX path
α
824,00 ... 849,00 MHz
54
56
—
dB
869,00 ... 894,00 MHz
45
46
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com