Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA380C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA380C
Description  10 AMPS, 5usec STANDARD RECOVERY CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA380C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA380C Datasheet HTML 1Page - Solid States Devices, Inc SDA380C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Standard Recovery
• Unheatsunk Average Output Current: 10 Amps
• Low Reverse Leakage Current
• Low Junction Capacitance
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Common Anode and Doubler Versions Available
• TX and TXV Level screening Available
SDA380A
THRU
SDA380G
10 AMPS, 5
µµsec
STANDARD RECOVERY
CENTERTAP RECTIFIER
SDA380
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA380A
SDA380B
SDA380C
SDA380D
SDA380E
SDA380F
SDA380G
VRRM
VRSM
VR
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current
2
(Resistive Load, 60 hz Sine Wave, TA = 25
°C, No Heatsink)
Io
10
Amps
Peak Surge Current
1
(8.3 ms Pulse, Half Sine Wave, TA = 25
°C, per leg)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RèJC
5.0
ºC/W
1/ Both legs tied together
2/ Per leg
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0023B


Similar Part No. - SDA380C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA380C SSDI-SDA380C Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
More results

Similar Description - SDA380C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDA381A SSDI-SDA381A Datasheet
81Kb / 2P
10 AMPS, 180 nsec FAST CENTERTAP RECTIFIER
SDA382A SSDI-SDA382A Datasheet
81Kb / 2P
10 AMPS, 50 - 70 nsec ULTRAFAST CENTERTAP RECTIFIER
1N1124A SSDI-1N1124A_1 Datasheet
202Kb / 2P
3 AMPS 200-600VOLTS 5usec STANDARD RECOVERY RECTIFIER
SDR10D SSDI-SDR10D Datasheet
188Kb / 2P
10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
SDA280D SSDI-SDA280D Datasheet
113Kb / 2P
FAST RECOVERY CENTERTAP RECTIFIER
SDA380A SSDI-SDA380A_1 Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
RA0023C SSDI-RA0023C Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
RA0023C SSDI-RA0023C_15 Datasheet
111Kb / 2P
STANDARD RECOVERY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com