Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA195 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA195
Description  30A / 100V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA195 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA195 Datasheet HTML 1Page - Solid States Devices, Inc SDA195 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES INC.
14830 Valley View, La Mirada, Ca 90631
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0043B
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDA195 __ __
⎢
⎢
⎢
⎢
⎣ Lead Bend 3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
⎣ Terminals 2/ 3/ L = Copper Leads
_ = Turret Terminals
SDA195
30A / 100V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• Higher Blocking Voltage available. Contact Factory
• Average Output Current 30 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (1.500 x 0.870 x 0.30 Max”)
• TX and TXV & S Level Screening Available
• Fast, Ultra Fast, & Hyper Fast versions available.
Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
VRRM
VRSM
VR
100
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 hz Sine Wave, TC = 55°C)
Io
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
200
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance Junction to Case
RΘJC
2.3
ºC/W
SDA195 ( L )
SDA195 (_)


Similar Part No. - SDA195

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA19000 SSDI-SDA19000 Datasheet
110Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDA195

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA113 SSDI-SDA113_1 Datasheet
159Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA173HF SSDI-SDA173HF Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F_15 Datasheet
142Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018_15 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com