Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA116 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA116
Description  25A / 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA116 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA116 Datasheet HTML 1Page - Solid States Devices, Inc SDA116 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA116 Series
Electrical Characteristic
5/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25°C, pulsed)
(TA = 25°C, pulsed)
(TA = -55°C, pulsed)
IF = 3A
IF = 9A
IF = 9A
VF1
––
––
––
––
––
––
1.40
1.75
1.95
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, pulsed)
IR1
––
––
25
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, pulsed)
IR2
––
––
500
µA
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA TA = 25ºC
trr
––
––
70
ns
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Up and Down Bend Configurations are Available for ‘__’ ( Leaded ) Packages Only.
4/ Derate Linearly at 0.26 A/ºC for TC > 55ºC.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Mounting Diagram:
2/
Thickness = 0.340” min



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com