Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4959 Datasheet(PDF) 3 Page - EPCOS

Part # B4959
Description  SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4959 Datasheet(HTML) 3 Page - EPCOS

  B4959 Datasheet HTML 1Page - EPCOS B4959 Datasheet HTML 2Page - EPCOS B4959 Datasheet HTML 3Page - EPCOS B4959 Datasheet HTML 4Page - EPCOS B4959 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jan 20, 2004
SAW Components
B4959
128,1 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Specified temperature range:
T
= –30˚C .. +85 ˚C
Terminating source impedance:
ZS = 1270 Ω || 185 nH
Terminating load impedance:
ZL = 1840 Ω || 180 nH
min.
typ.
max.
Nominal frequency
fN
—
128,1
—
MHz
Minimum insertion attenuation
α
min
—
10,4
12,0
dB
(with losses of matching network, without loss of balun)
Amplitude ripple
∆α
fN – 0,30 MHz
...
fN + 0,30 MHz
—
0,5
1,0
dB
Phase linearity (rms deviation)
fN – 0,615MHz ...
fN + 0,615 MHz
—
2,0
3,5
˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,615MHz
—
3,8
4,5
dB
fN – 0,9 MHz
37
50
—
dB
fN + 0,9 MHz
37
41
—
dB
fN – 1,25 MHz
37
45
—
dB
fN + 1,25 MHz
37
50
—
dB
fN – 1,7 MHz
37
46
—
dB
fN + 1,7 MHz
37
47
—
dB
fN − 2,05 MHz
40
48
—
dB
fN + 2,05 MHz
40
52
—
dB
10,0 MHz
...
fN – 2,05 MHz
40
43
—
dB
fN – 2,05 MHz
...
fN – 0,9 MHz
37
42
—
dB
fN + 0,9 MHz
...
fN + 2,05 MHz
37
40
—
dB
fN + 2,05 MHz
...
200 MHz
40
43
—
dB
172,485 MHz
...
173,715
MHz
60
70
—
dB
207,485 MHz
...
208,715
MHz
45
47
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com