Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA2003 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA2003
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA2003 Datasheet HTML 4Page - NXP Semiconductors SAA2003 Datasheet HTML 5Page - NXP Semiconductors SAA2003 Datasheet HTML 6Page - NXP Semiconductors SAA2003 Datasheet HTML 7Page - NXP Semiconductors SAA2003 Datasheet HTML 8Page - NXP Semiconductors SAA2003 Datasheet HTML 9Page - NXP Semiconductors SAA2003 Datasheet HTML 10Page - NXP Semiconductors SAA2003 Datasheet HTML 11Page - NXP Semiconductors SAA2003 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
May 1994
8
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
Crystal oscillators
The recommended crystal oscillator configuration is shown in Fig.6. The specified component values only apply to
crystals with a low equivalent series resistance of <40
Ω.
System reset
Reset must be active from system power-up for >1 ms. Reset must also be active for >1 ms after the falling edge of sleep
as shown in Fig.7.
Fig.5 Decoding mode.
handbook, full pagewidth
MEA804 - 1
DE–
FORMATTER
PASC
data
input
scale factor
SCALE
FACTOR
ARRAY
AND ALLOCATION
DE-QUANTIZATION
CONTROL
MULTIPLY
allocation
sync/coding
quantified
samples
sub-band
samples
OUTPUT
CONTROL
SUB-BAND
FILTER
baseband
samples
SAA2003
40
41
42
43
R1
1 M
Ω
22.5792
MHz
X1
R2 220
Ω
C2 33 pF
C1 33 pF
R4
1 M
Ω
24.576
MHz
X2
R3 1 k
Ω
C3 33 pF
C4 33 pF
X22IN
X22OUT
X24IN
X24OUT
MBD621
Fig.6 Crystal oscillator components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com