Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8040 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8040
Description  High Current Integrated Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8040 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8040 Datasheet HTML 1Page - Monolithic Power Systems MP8040 Datasheet HTML 2Page - Monolithic Power Systems MP8040 Datasheet HTML 3Page - Monolithic Power Systems MP8040 Datasheet HTML 4Page - Monolithic Power Systems MP8040 Datasheet HTML 5Page - Monolithic Power Systems MP8040 Datasheet HTML 6Page - Monolithic Power Systems MP8040 Datasheet HTML 7Page - Monolithic Power Systems MP8040 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP8040 – HIGH CURRENT INTEGRATED HALF BRIDGE + DRIVER
MP8040 Rev. 1.5
www.MonolithicPower.com
3
5/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 4, TA = +25°C, unless otherwise noted.
MP8040-TPC04
MP8040-TPC03
Delay Time
SW Falling (VSP=25V)
MP8040-TPC02
Delay Time
SW Rising (VSP=8V)
VPWM
2V/div.
VSW
5V/div.
10.0ns/div.
VPWM
2V/div.
VSW
5V/div.
10.0ns/div.
MP8040-TPC01
Delay Time
SW Falling (VSP=8V)
VPWM
2V/div.
VSW
10V/div.
10.0ns/div.
Delay Time
SW Rising (VSP=25V)
20
2
1
0.2
0.1
0.02
0.01
200m
1
2
10 20
100
OUTPUT POWER (W)
MP8040-TPC05
VPWM
2V/div.
VSW
10V/div.
10.0ns/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com