Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8040DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8040DN
Description  High Current Integrated Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8040DN Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP8040DN Datasheet HTML 1Page - Monolithic Power Systems MP8040DN Datasheet HTML 2Page - Monolithic Power Systems MP8040DN Datasheet HTML 3Page - Monolithic Power Systems MP8040DN Datasheet HTML 4Page - Monolithic Power Systems MP8040DN Datasheet HTML 5Page - Monolithic Power Systems MP8040DN Datasheet HTML 6Page - Monolithic Power Systems MP8040DN Datasheet HTML 7Page - Monolithic Power Systems MP8040DN Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP8040 – HIGH CURRENT INTEGRATED HALF BRIDGE + DRIVER
MP8040 Rev. 1.5
www.MonolithicPower.com
6
5/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUITS
MP8040
SP
DRV
FLT
BS
SW
SHDN
PWM
GND
VSP
FAULT
+
ENABLE
PWM
SIGNAL
MP8040_F03
2
4
7
8
6
1
3
5
MP8040
SP
DRV
FLT
BS
SW
SHDN
PWM
GND
VSP
FAULT
+
ENABLE
PWM
SIGNAL
MP8040_F04
PWM
CONTROLLER
VOUT
2
4
7
8
6
1
3
5
Figure 3—Single Ended Audio Amplifier
Figure 4—General Purpose DC to DC
Converter
MP8040
SP
DRV
FLT
BS
SW
SHDN
PWM
GND
VSP
FAULT
+
ENABLE
MP8040_F05
MP8040
SP
DRV
FLT
BS
SW
SHDN
PWM
GND
VSP
+
FAULT
ENABLE
DIGITAL
AUDIO
SIGNAL
2
4
7
8
6
1
3
5
2
4
7
8
6
1
3
5
MP8040
SP
DRV
FLT
BS
SW
SHDN
PWM
GND
VSP
FAULT
+
ENABLE
MP8040_F06
MP8040
SP
DRV
FLT
BS
SW
SHDN
PWM
GND
VSP
+
FAULT
ENABLE
PWM
SIGNAL
M
2
4
7
8
6
1
3
5
2
4
7
8
6
1
3
5
Figure 5—80W Full Bridge Audio Amplifier
Figure 6—Full Bridge Motor Driver



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com