Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8042 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8042
Description  High Current, Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8042 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8042 Datasheet HTML 1Page - Monolithic Power Systems MP8042 Datasheet HTML 2Page - Monolithic Power Systems MP8042 Datasheet HTML 3Page - Monolithic Power Systems MP8042 Datasheet HTML 4Page - Monolithic Power Systems MP8042 Datasheet HTML 5Page - Monolithic Power Systems MP8042 Datasheet HTML 6Page - Monolithic Power Systems MP8042 Datasheet HTML 7Page - Monolithic Power Systems MP8042 Datasheet HTML 8Page - Monolithic Power Systems MP8042 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP8042 – HIGH CURRENT, DUAL CHANNEL POWER HALF-BRIDGE
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP8042 Rev. 0.9
www.MonolithicPower.com
2
5/23/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
NC
AGND1
PWM1
STBY
PWM2
FAULT
SHDN
AGND2
NC
VDR2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDR1
BST1
PGND1
OUT1
VDD1
NC
VDD2
OUT2
PGND2
BST2
TOP VIEW
EXPOSED PAD
Part Number*
Package
Temperature
MP8042DF
TSSOP20F
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8042DF–Z)
For RoHS Compliant Packaging, add suffix –LF (eg.
MP8042DF–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
VDD1/2 Supply Voltage............................... 26V
OUT1/2 Pin Voltage............ –0.3V to VDD + 0.3V
OUT1/2 to BST1/2 ......................... –0.3V to +6V
Voltage at All Other Pins ............... –0.3V to +6V
Storage Temperature ..............–55
°C to +150°C
Recommended Operating Conditions
(2)
VDD1/2 Supply Voltage................... 7.5V to 24V
Peak Output Current......................6A Maximum
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSSOP20F ............................. 40 ....... 6....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VDD1 = VDD2 = 12V,
SHDN
V
= 5V, TA = +25°C, unless otherwise specified.
Parameters
Symbol Condition
Min
Typ
Max
Units
VDD Operating Current
ILOAD = 0A
2.1
2.5
mA
VDD Shutdown Current
VSHDN = 0V
4.0
10
µA
VDD Operating Threshold, Low
5.8
6.1
V
VDD Operating Threshold, High
6.63
7.2
V
STBY
Threshold, Low
1.0
1.2
V
STBY
Threshold, High
1.85
2.0
V
SHDN Threshold, Low
1.0
1.2
V
SHDN
Threshold, High
1.9
2.0
V
PWM1,2 Threshold, Low
1.5
1.69
V
PWM1,2 Threshold, High
1.83
2.0
V
PWM Input Bias Current
1
µA
OUT On Resistance
(4)
VDD = 7.5V, High-Side and Low-
Side
0.15
Ω
VPWM = 5, Sinking
5
A
OUT Current Limit
(4)
VPWM = 0, Sourcing
5
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com