Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8100 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8100
Description  Precision High-Side Current-Sense Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8100 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8100 Datasheet HTML 1Page - Monolithic Power Systems MP8100 Datasheet HTML 2Page - Monolithic Power Systems MP8100 Datasheet HTML 3Page - Monolithic Power Systems MP8100 Datasheet HTML 4Page - Monolithic Power Systems MP8100 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MP8100 – PRECISION HIGH-SIDE CURRENT-SENSE AMPLIFIER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP8100 Rev. 0.91
www.MonolithicPower.com
2
4/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP8100DS
SOIC8
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8100DS–Z)
For Lead Free, add suffix –LF (eg. MP8100DS–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
VCC, RG1, RG2 to GND ............. –0.3V to +20V
Maximum Differential Input Voltage, RG1 to
RG2 ............................................................... 5V
Storage Temperature .............–65°C to +150°C
Recommended Operating Conditions
(2)
VCC, RG1, RG2 to GND ................... 2.5V to 18V
Operating Temperature .............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8..................................... 90 ...... 42...
°C/W
Continuous Power Dissipation
(TA=70°C) ...............................................800mW
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VCC = 10V, VSHDN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
2.5
18
V
Supply Current
ICC
ILOAD = 0A; VCC = 18V
17
30
µA
OUT1 Input Offset Voltage
VOS1
0.25
1.20
mV
OUT2 Input Offset Voltage
VOS2
0.25
1.20
mV
Input Bias Current
IRG1, IRG2
4
nA
OUT1 Current Accuracy
IRG1/IOUT1
VSENSE = 100mV
±1
%
No-Load OUT1 Error
VSENSE = 0V
1
µA
Low-Level OUT1 Error
VSENSE = 5mV
2
µA
No-Load OUT2 Error
VSENSE = 0V
1
µA
Low-Level OUT2 Error
VSENSE = 5mV
2
µA
Power Supply Rejection
Ratio
PSRR
2.5V < VCC < 18V,
VSENSE = 100mV
0.05
%/V
Shutdown Supply Current
ICC(SHDN)
VSHDN = Float; VCC = 18V
1
5
µA
SHDN Threshold Voltage
VTH_SHUTDOWN
0.7
1.0
1.8
V
SHDN Input Low Current
IIL
–300
nA
SHDN Input High Current
IIH
VSHDN = 3V
+500
nA
OUT1 Output Voltage
Range
VOUT1
VCC – 0.15
V
OUT2 Output Voltage
Range
VOUT2
VCC – 1
V
SHDN
NC
RG1
GND
OUT2
VCC
RG2
OUT1
1
2
3
4
8
7
6
5
TOP VIEW
MP8100_PD01_SOIC8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com