Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8102 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8102
Description  Ultra Low Power 1.8V, 600kHz Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8102 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8102 Datasheet HTML 1Page - Monolithic Power Systems MP8102 Datasheet HTML 2Page - Monolithic Power Systems MP8102 Datasheet HTML 3Page - Monolithic Power Systems MP8102 Datasheet HTML 4Page - Monolithic Power Systems MP8102 Datasheet HTML 5Page - Monolithic Power Systems MP8102 Datasheet HTML 6Page - Monolithic Power Systems MP8102 Datasheet HTML 7Page - Monolithic Power Systems MP8102 Datasheet HTML 8Page - Monolithic Power Systems MP8102 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP8102
Ultra Low Power
1.8V, 600kHz Op Amp
MP8102 Rev. 0.94
www.MonolithicPower.com
1
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8102 is a rail-to-rail output, operational
amplifier in a TSOT-23 package. This amplifier
provides 600KHz bandwidth while consuming
an incredibly low 7.5µA of supply current. The
MP8102 can operate with a single supply
voltage as low as 1.8V.
FEATURES
• Single Supply Operation: 1.8V to 5.5V
• TSOT23-5 Package
• 600KHz –3dB Bandwidth
• 7.5µA Supply Current
• Rail-to-Rail Output
• Unity-Gain Stable
• Input Common Mode to Ground
• Drives Up to 1000pF of Capacitive Loads
APPLICATIONS
• Portable Equipment
• PDAs
• Pagers
• Cordless Phones
• Handheld GPS
• Consumer Electronics
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
--
+
1
5
3
4
2
V+
V+ = 1.8V-5.5V
VIN
VOUT


Similar Part No. - MP8102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP810 ETC1-MP810 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Dc Components
MP810 DCCOM-MP810 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP810 GOOD-ARK-MP810 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP810 CHENG-YI-MP810 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP810 FORMOSA-MP810 Datasheet
112Kb / 6P
Bridge Rectifier
More results

Similar Description - MP8102

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
Teeny Ultra Low Power Op Amp
logo
Monolithic Power System...
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
Dual Ultra Low Power 1.8V, 600kHz Op Amp
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp
MP8104 MPS-MP8104 Datasheet
470Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp With Industry Standard Pin-Out
logo
Micrel Semiconductor
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
Teeny??Ultra-Low-Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
Ultra-Low Power Op Amp
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com