Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7631 Datasheet(PDF) 3 Page - EPCOS

Part # B7631
Description  SAW Components Low-Loss Filter for Mobile Communication 1765 / 1855 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7631 Datasheet(HTML) 3 Page - EPCOS

  B7631 Datasheet HTML 1Page - EPCOS B7631 Datasheet HTML 2Page - EPCOS B7631 Datasheet HTML 3Page - EPCOS B7631 Datasheet HTML 4Page - EPCOS B7631 Datasheet HTML 5Page - EPCOS B7631 Datasheet HTML 6Page - EPCOS B7631 Datasheet HTML 7Page - EPCOS B7631 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jan 14, 2004
SAW Components
B7631
1765 / 1855 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range
T
=25 + 2˚C
ANT terminating impedance
ZANT =50 Ω
RX terminating impedance
ZRX =50 Ω
TX terminating impedance
ZTX =50 Ω
Characteristics TX - ANT
min.
typ.
max.
Center frequency
fc
—
1765,00
—
MHz
Maximum insertion attenuation
α
max
1750,00 ... 1780,00 MHz
—
2,0
2,3
dB
Amplitude ripple (p-p)
∆α
1750,00 ... 1780,00 MHz
—
0,6
1,2
dB
Return loss
1750,00 ... 1780,00 MHz
8,0
10,0
—
dB
Attenuation
α
1840,00 ... 1870,00 MHz
40
43
—
dB
2000,00 ... 3000,00 MHz
25
32
—
dB
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
—
1855,00
—
MHz
Maximum insertion attenuation
α
max
1840,00 ... 1870,00 MHz
—
2,6
3,3
dB
Amplitude ripple (p-p)
∆α
1840,00 ... 1870,00 MHz
—
0,4
1,0
dB
Return loss
1840,00 ... 1870,00 MHz
9,0
10,0
—
dB
Attenuation
α
1750,00 ... 1780,00 MHz
52
56
—
dB
2000,00 ... 3000,00 MHz
35
43
—
dB
Characteristics TX - RX
min.
typ.
max.
Isolation between TX and RX path
α
1750,00 ... 1780,00 MHz
55
59
—
dB
1840,00 ... 1870,00 MHz
43
45
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com