Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7637 Datasheet(PDF) 5 Page - EPCOS

Part # B7637
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7637 Datasheet(HTML) 5 Page - EPCOS

  B7637 Datasheet HTML 1Page - EPCOS B7637 Datasheet HTML 2Page - EPCOS B7637 Datasheet HTML 3Page - EPCOS B7637 Datasheet HTML 4Page - EPCOS B7637 Datasheet HTML 5Page - EPCOS B7637 Datasheet HTML 6Page - EPCOS B7637 Datasheet HTML 7Page - EPCOS B7637 Datasheet HTML 8Page - EPCOS B7637 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Oct 20, 2005
SAW Components
B7637
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range
T
= -30 to 85˚C
Terminating impedance
ZANT =50 Ω ; ZRX = 50 Ω ; ZTX = 50 Ω
Characteristics TX - ANT
min.
typ.
max.
Center frequency
fc
—
836,50
—
MHz
Maximum insertion attenuation
α
max
824,00 ... 849,00 MHz
—
2,0
2,3
dB
Amplitude ripple (p-p)
∆α
824,00 ... 849,00 MHz
—
1,0
1,3
dB
Return loss
824,00 ... 849,00 MHz
911
—
dB
Attenuation
α
100,00 ... 698,00 MHz
35
39
—
dB
698,00 ... 746,00 MHz
36
38
—
dB
746,00 ... 804,00 MHz
30
38
—
dB
869,00 ... 894,00 MHz
45
48
—
dB
954,00 ... 1570,00 MHz
30
36
—
dB
1570,00 ... 1698,00 MHz
40
50
—
dB
1698,00 ... 2547,00 MHz
30
38
—
dB
2547,00 ... 3000,00 MHz
20
27
—
dB
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
—
881,50
—
MHz
Maximum insertion attenuation
α
max
869,00 ...
894,00 MHz
—
2,4
2,8
dB
Amplitude ripple (p-p)
∆α
869,00 ...
894,00 MHz
—
1,3
1,7
dB
Return loss
869,00 ...
894,00 MHz
810
—
dB
Attenuation
α
100,00 ...
804,00 MHz
35
43
—
dB
824,00 ...
849,00 MHz
54
59
—
dB
954,00 ... 1648,00 MHz
35
46
—
dB
1648,00 ... 1698,00 MHz
40
51
—
dB
1698,00 ... 2547,00 MHz
40
50
—
dB
2547,00 ... 3000,00 MHz
35
45
—
dB
TX band phase @ RX port reference plane
824,00 ... 849,00 MHz
130
—
230
degree



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com