Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM2003 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM2003
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM2003 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM2003 Datasheet HTML 1Page - Rectron Semiconductor RM2003 Datasheet HTML 2Page - Rectron Semiconductor RM2003 Datasheet HTML 3Page - Rectron Semiconductor RM2003 Datasheet HTML 4Page - Rectron Semiconductor RM2003 Datasheet HTML 5Page - Rectron Semiconductor RM2003 Datasheet HTML 6Page - Rectron Semiconductor RM2003 Datasheet HTML 7Page - Rectron Semiconductor RM2003 Datasheet HTML 8Page - Rectron Semiconductor RM2003 Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N and P-Channel Enhancement Mode Power MOSFET
Description
The RM2003 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
N-Channel
VDS = 20V,ID =3A
RDS(ON) < 35m
@ VGS=4.5V
RDS(ON) < 55m
@ VGS=2.5V
P-Channel
VDS = -20V,ID = -3A
RDS(ON) < 75m
@ VGS=-4.5V
RDS(ON) < 100m
@ VGS=-2.5V
High power and current handing capability
Lead free product is acquired
Surface mount package
Marking and pin Assignment
SOT-23-6L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2003
RM2003
SOT-23-6L
Ø180mm
8mm
3000
units
Absolute Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
-20
V
Gate-Source Voltage
VGS
±12
±12
V
TA=25
3
-3
Continuous Drain Current
TA=70
ID
2.4
-2.4
A
Pulsed Drain Current
(Note 1)
IDM
13
-13
A
Maximum Power Dissipation
TA=25
PD
0.8
0.8
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note2)
R JA
N-Ch
156
/W
Thermal Resistance,Junction-to-Ambient
(Note2)
R JA
P-Ch
156
/W
N-channel
P-channel
2003
RM2003
Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:RM2003V
201 02/15
REV:
9
-
B


Similar Part No. - RM2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM200 ETC2-RM200 Datasheet
142Kb / 1P
Additional Accessories
RM2000 ETC2-RM2000 Datasheet
142Kb / 1P
Additional Accessories
logo
Littelfuse
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
TEKTRONIX, INC.
RM2000B TEKTRONIX-RM2000B Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
RM2000B TEKTRONIX-RM2000B Datasheet
1Mb / 8P
Digital Storage Oscilloscopes
16 Mar 2012
More results

Similar Description - RM2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com