Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7638 Datasheet(PDF) 6 Page - EPCOS

Part # B7638
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7638 Datasheet(HTML) 6 Page - EPCOS

Back Button B7638 Datasheet HTML 2Page - EPCOS B7638 Datasheet HTML 3Page - EPCOS B7638 Datasheet HTML 4Page - EPCOS B7638 Datasheet HTML 5Page - EPCOS B7638 Datasheet HTML 6Page - EPCOS B7638 Datasheet HTML 7Page - EPCOS B7638 Datasheet HTML 8Page - EPCOS B7638 Datasheet HTML 9Page - EPCOS B7638 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Oct 13, 2005
SAW Components
B7638
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics TX - RX
min.
typ.
max.
Isolation between TX and RX path
α
100,00 ...
800,00 MHz
50
56
—
dB
824,00 ...
849,00 MHz
55
57
—
dB
869,00 ...
894,00 MHz
47
49
—
dB
954,00 ... 1700,00 MHz
45
51
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com