Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM3255S8R Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM3255S8R
Description  1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3255S8R Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM3255S8R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM3255S8R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW) SOP-8 & NSOP-8
1
2
3 4
8
7
6
5
V
C
FB
SS
Test
AGND
V
CC
PGND
V
SW
GM3255
AYWW
A = Assembly Location
Y = Year
W W = Work Week
Ordering Number
Package
Shipping
GM3255S8T
GM3255NS8T
GM3255S8R
GM3255NS8R
SOP - 8
NSOP - 8
SOP - 8
NSOP - 8
100 Units / Tube
100 Units / Tube
2,500 Units / Tape & Reel
2,500 Units / Tape & Reel
PIN DESCRIPTION
PIN NUMBER
PIN SYMBOL
FUNCTION
1
2
3
4
5
6
7
8
VC
FB
Test
SS
VCC
AGND
PGND
VSW
Loop compensation pin. The V pin is the output of the error amplifier and is used for
C
loop compensation, current limit and start. Loop compensation can be implemented
by a simple RC network as shown in the application diagram on page 2 as R1 and C1.
Positive regulator feedback pin. This pin senses a positive output voltage and is
referenced to 1.276V. When the voltage at this pin falls below 0.4 V, chip switching
frequency reduces to 20% of the nominal frequency.
These pins are connected to internal test logic and should either be left floating or tied to
ground. Connection to a voltage between 9.5V and 15V shuts down the internal oscillator
and leaves the power switch running.
Synchronization and shutdown pin. This pin may be used to synchronize the part to
nearly twice the base frequency. ATTL low shut the part down and put it into low current
mode. If synchronization is not used, this pin should be either tied high or left floating for
normal operation.
Input power supply pin. This pin supplies power to the part and should have a bypass
capacitor connected to AGND.
Analog ground. This pin provides a clean ground for the controller circuitry ans should
not be in the path of large currents. The output voltage sensing resistors should be
connected to the IC substrate.
Power ground. This pin is the ground connection for the emitter of the power switching
transistor. Connection to a good ground plane is essential.
High current switch pin. This pin connects internally to the collector of the power switch.
The open voltage across the power switch can be as high as 40V. To minimize radiation,
use a trace as short as practical.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNITS
Package Thermal Resistance
Junction-to-Case, R
qJC
junction-to-Ambient, R
qJC
Junction Temperature Range, T
J
Storage Temperature Range, T
STG
ESD, Human Body Model
45
165
-40 to +150
-65 to +150
230
1.2
°C / W
°C / W
kV
°C
°C
°C
Lead Temperature (Peak)
(reflow - soldering 60
maximum above
183°C)
s ec.
2
* For detail Ordering Number identification, please see last page.
*
The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com