Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR-3
Description  Incandescent Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
11/07/12
Incandescent Lamp
Description
Volts
Amps
Watts
MSCP Filament
Life
(Hours) Part Number
B 3-1/2 Single Contact Miniature Flange
Lamp
2.38
0.5
1.19
0.8
C-2R
15
PR-2
3.57
0.5
1.79
1.5
15
PR-3
2.33
0.27
0.629
0.4
10
PR-4
2.47
0.3
7.4
0.45
30
PR-6
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table


Similar Part No. - PR-3

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PR-3 SYSTEMSENSOR-PR-3 Datasheet
273Kb / 2P
Multi-Voltage Conventional Relays
logo
Pericom Semiconductor C...
PR-3.3V PERICOM-PR-3.3V Datasheet
281Kb / 4P
3.3V PECL High Frequency VCXO
logo
CITIZEN ELECTRONICS CO....
PR-30 CITIZEN-PR-30 Datasheet
456Kb / 1P
Photo-reflector
logo
FOTEK CONTROLS CO., LTD...
PR-30X FOTEK-PR-30X Datasheet
784Kb / 3P
MINI & WATER-PROOF PHOTO SENSOR
PR-30XP FOTEK-PR-30XP Datasheet
784Kb / 3P
MINI & WATER-PROOF PHOTO SENSOR
More results

Similar Description - PR-3

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
LED globe lamp, 60W incandescent equivalent
logo
Molex Electronics Ltd.
130112-0120 MOLEX11-130112-0120 Datasheet
31Kb / 1P
Watertite짰 Handle for Incandescent Hand Lamp
1301030019 MOLEX11-1301030019 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030030 MOLEX11-1301030030 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp,
1301030035 MOLEX11-1301030035 Datasheet
30Kb / 1P
Watertite Wet Location Incandescent Hand Lamp,
1301030042 MOLEX11-1301030042 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030045 MOLEX11-1301030045 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030062 MOLEX11-1301030062 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
logo
Schneider Electric
2550101002 SCHNEIDER-2550101002 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com