Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSXXXSP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FSXXXSP
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FSXXXSP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FSXXXSP Datasheet HTML 1Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 2Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 3Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 4Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 5Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 6Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 7Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 8Page - List of Unclassifed Manufacturers FSXXXSP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SECTION 9
SECTION 1
31
COnTrOl TrAnSFOrmEr
© Hammond Power Solutions Inc.
Data subject to change without notice.
What is a Control transformer?
A control transformer is an isolation transformer designed to provide a high degree of secondary voltage stability
(regulation) during a brief period of overload condition (also referred to as “inrush current” ). Control transformers
are also known as Machine Tool Transformers, Industrial Control Transformers or Control Power Transformers.
When you calculate the Va requirement of a transformer, do you use the primary or
the secondary Voltage?
When selecting the VA requirement, you use the Secondary Voltage.
Can you use a Control transformer connected in reverse?
Yes, a control transformer can be connected in reverse. However, keep in mind the output voltage will be less than
its rating, due to the compensation factor of the windings.
Can a Control transformer regulate the output voltage?
A control transformer will not regulate the voltage. Output voltage is a function of the coil’s turn ratio only, times
the input voltage.
What is the benefit of “Vacuum Impregnation” on a Transformer?
All HPS Control Transformers are vacuum impregnated with “VT Polyester resin” and oven cured which seals
the surface and eliminates moisture. Impregnating the entire unit provides a strong mechanical bond and offers
protection from environmental conditions.
explain the “VA” or “Volt Ampere Output” Rating?
The VA or volt ampere output rating designates the output which a transformer can deliver for a specified time at
its rated secondary voltage and rated frequency, without exceeding its specified temperature rise.
Insulating materials; what are they made of and what is their purpose?
Hammond Power Solutions utilizes mylar, nomex and other high quality insulating materials. Insulation is used to
electrically insulate turn-to-turn windings, layer-to-layer windings, primary to secondary windings and ground.
What is the effect of “Overload”?
When a transformer is continually overloaded, excessive heat develops and the insulation system will begin to
breakdown. As a result, the life expectancy of the transformer is shortened due to the heat exceeding the rating
of the insulation system.
WHat Is a Control transformer?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com