Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX409 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PX409
Description  HIGH ACCURACY PRESSURE TRANSDUCERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PX409 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PX409 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 7Page - List of Unclassifed Manufacturers PX409 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
B-25d
Ordering Examples: PX409-1.0KGV, mV output, 1000 psi gage pressure range,
2 m (6') cable termination.
PX429-015AV, mV output, 15 psi absolute pressure, twist lock
termination,
PT06F10-6S, mating twist lock connector (sold separately), and
DP25B-S, 4-digit meter, system with meter.
(See page B-25h for information on meters).
mV/V Specifications
Output: mV/V, 100 mV @ 10 Vdc
(Ratiometric 5 to 10 Vdc)
Supply Voltage: 10 Vdc
(5 mA @ 10 Vdc)
Input/Output Resistance: 5000 Ω
±20% typical
Accuracy (Combined Linearity,
Hysteresis and Repeatability):
±0.08% BSL maximum
Zero Balance: ±0.5% FS typical
1% max (1% typical, 2% maximum
for 2.5 psi and below)
Span Setting: ±0.5% FS typical 1%
maximum (1% typical, 2% maximum for
2.5 psi and below) Calibrated in vertical
direction with fitting down
Operating Temperature Range:
-45 to 121°C (-49 to 250°F)
Compensated Temperature:
Ranges >5 psi: -29 to 85°C
(-20 to 185°F)
Ranges ≤ 5 psi: -17 to 85°C
(0 to 185°F)
Thermal Effects Zero
(Over Compensated Range):
Ranges >5 psi: ±0.5% span
Ranges ≤5 psi: ±1.0% span
Thermal Effects Span
(Over Compensated Range):
Ranges >5 psi: ±0.5% span
Ranges ≤5 psi: ±1.0% span
To Order Visit newportUS.com/px409_series for Pricing and Details
RANGE
2 m (6') CABLE
MINI-DIN
TWIST-LOCK
psi
bar
TERMINATION
TERMINATION
TERMINATION
mV/V OUTPUT, GAGE PRESSURE RANGES
10 in-H2O
25 mb
PX409-10WGV
PX419-10WGV
PX429-10WGV
1
69 mb
PX409-001GV
PX419-001GV
PX429-001GV
2.5
172 mb
PX409-2.5GV
PX419-2.5GV
PX429-2.5GV
5
345 mb
PX409-005GV
PX419-005GV
PX429-005GV
15
1.0
PX409-015GV
PX419-015GV
PX429-015GV
30
2.1
PX409-030GV
PX419-030GV
PX429-030GV
50
3.4
PX409-050GV
PX419-050GV
PX429-050GV
100
6.9
PX409-100GV
PX419-100GV
PX429-100GV
150
10.3
PX409-150GV
PX419-150GV
PX429-150GV
250
17.2
PX409-250GV
PX419-250GV
PX429-250GV
500
34.5
PX409-500GV
PX419-500GV
PX429-500GV
750
51.7
PX409-750GV
PX419-750GV
PX429-750GV
1000
69
PX409-1.0KGV
PX419-1.0KGV
PX429-1.0KGV
1500
103
PX409-1.5KGV
PX419-1.5KGV
PX429-1.5KGV
2500
172
PX409-2.5KGV
PX419-2.5KGV
PX429-2.5KGV
3500
241
PX409-3.5KGV
PX419-3.5KGV
PX429-3.5KGV
5000
345
PX409-5.0KGV
PX419-5.0KGV
PX429-5.0KGV
mV OUTPUT, ABSOLUTE PRESSURE RANGES
5
345 mb
PX409-005AV
PX419-005AV
PX429-005AV
15
1.0
PX409-015AV
PX419-015AV
PX429-015AV
30
2.1
PX409-030AV
PX419-030AV
PX429-030AV
50
3.4
PX409-050AV
PX419-050AV
PX429-050AV
100
6.9
PX409-100AV
PX419-100AV
PX429-100AV
150
10.3
PX409-150AV
PX419-150AV
PX429-150AV
250
17.2
PX409-250AV
PX419-250AV
PX429-250AV
500
34.5
PX409-500AV
PX419-500AV
PX429-500AV
750
51.7
PX409-750AV
PX419-750AV
PX429-750AV
1000
69
PX409-1.0KAV
PX419-1.0KAV
PX429-1.0KAV
PX429-015GV,
shown
actual size.
PX409-100GV,
shown actual size.
PX419-015GV,
shown actual size.
100 mV Output
0-10 in-H2O to 0-5000 psi
25 mb to 345 bar
mV/V OUTPUT
HIGH PERFORMANCE PRESSURE TRANSDUCERS
PIEZORESISTIVE DESIGN WITH HIGH TEMPERATURE PERFORMANCE
PX409 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com