Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA2503HT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA2503HT
Description  MPEG2 audio decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2503HT Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA2503HT Datasheet HTML 1Page - NXP Semiconductors SAA2503HT Datasheet HTML 2Page - NXP Semiconductors SAA2503HT Datasheet HTML 3Page - NXP Semiconductors SAA2503HT Datasheet HTML 4Page - NXP Semiconductors SAA2503HT Datasheet HTML 5Page - NXP Semiconductors SAA2503HT Datasheet HTML 6Page - NXP Semiconductors SAA2503HT Datasheet HTML 7Page - NXP Semiconductors SAA2503HT Datasheet HTML 8Page - NXP Semiconductors SAA2503HT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Jul 02
2
Philips Semiconductors
Objective specification
MPEG2 audio decoder
SAA2503
FEATURES
• Single-chip MPEG2 multichannel audio decoder
• Decodes MPEG high quality audio:
– MPEG1 layer 2 (44.1 kHz)
– MPEG2 multichannel layer 2 (48 kHz)
– Supports pause frames
• Outputs 2 channels
– Quasi surround down-mixing for Left and Right Dolby
surround channel (Lt and Rt)
– Stereo down-mixing for stereo reproduction
– Stereo signal selection
– Single channel down-mixing
• Karaoke modes
• Linear PCM modes:
– Down-sampling from 96 to 48 kHz
– Pass 48 kHz signals
• Bitstream input interface I2S-bus (IEC 1937 formatted)
• IEC 958 output interface (IEC 1937 formatted)
• IEC 958 output simultaneously available while decoding
MPEG2
• I2C-bus control
• Output flags for direct control
• Stand-alone operation possible (self-booting)
• No external DRAM or SRAM required
• On-chip PLL for internal clock generation
• 13.5 or 27 MHz master clock
• 100 pins plastic LQFP package
• 5 V power supply.
APPLICATIONS
This IC is mainly intended for use in Digital Versatile Disc
(DVD) players. However it may also be used in any
application that is able to accept an MPEG2 audio
bitstreams such as:
• Set top boxes
• Multimedia PCs
• Digital television
• Next generation audio equipment.
GENERAL DESCRIPTION
The SAA2503 incorporates all necessary functions, such
as MPEG2 multichannel audio decoding plus
down-mixing, MPEG1 layer 2 decoding, Linear PCM
(LPCM) processing all producing high quality audio.
Together with the serial audio interfaces and the IEC 958
transmitter this allows for the complete audio function of a
DVD player in a single chip.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA2503HT
LQFP100
plastic low profile quad flat package; 100 leads; body 14 x 14 x 1.4 mm
SOT407-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com