Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7661 Datasheet(PDF) 3 Page - EPCOS

Part # B7661
Description  SAW Components Low-Loss Filter for Mobile Communication 835,0 / 880,0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7661 Datasheet(HTML) 3 Page - EPCOS

  B7661 Datasheet HTML 1Page - EPCOS B7661 Datasheet HTML 2Page - EPCOS B7661 Datasheet HTML 3Page - EPCOS B7661 Datasheet HTML 4Page - EPCOS B7661 Datasheet HTML 5Page - EPCOS B7661 Datasheet HTML 6Page - EPCOS B7661 Datasheet HTML 7Page - EPCOS B7661 Datasheet HTML 8Page - EPCOS B7661 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
May 25, 2005
SAW Components
B7661
835,0 / 880,0 MHz
Low-Loss Filter for Mobile Communication
Datasheet
Characteristics
Operating temperature range
T
=25 + 2˚C
ANT terminating impedance
ZANT =50 Ω, 8,2 nH (in parallel)
RX terminating impedance
ZRX =50 Ω
TX terminating impedance
ZTX =40 Ω , 8 nH (in series)
Characteristics TX - ANT
min.
typ.
max.
Center frequency
fc
—
835,00
—
MHz
Maximum insertion attenuation
α
max
830,00 ... 840,00 MHz
—
1,5
1,8
dB
Amplitude ripple (p-p)
∆α
830,00 ... 840,00 MHz
—
0,2
1,0
dB
Return loss
830,00 ... 840,00 MHz
10,0
17,0
—
dB
Attenuation
α
40,00 ... 400,00 MHz
30
40
—
dB
400,00 ... 500,00 MHz
25
36
—
dB
875,00 ... 885,00 MHz
50
55
—
dB
1210,00 ... 1400,00 MHz
20
32
—
dB
1590,00 ... 1680,00 MHz
25
38
—
dB
1680,00 ... 1980,00 MHz
27
42
—
dB
2490,00 ... 2520,00 MHz
35
52
—
dB
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
—
880,00
—
MHz
Maximum insertion attenuation
α
max
875,00 ... 885,00 MHz
—
2,3
2,4
dB
Amplitude ripple (p-p)
∆α
875,00 ... 885,00 MHz
—
0,5
0,9
dB
880,00 ... 885,00 MHz
—
0,3
0,5
dB
Return loss
875,00 ... 885,00 MHz
10,0
12,0
—
dB
Attenuation
α
40,00 ...
50,00 MHz
55
80
—
dB
785,00 ... 795,00 MHz
35
46
—
dB
830,00 ... 840,00 MHz
55
58
—
dB
852,50 ... 862,50 MHz
1,5
3,0
—
dB
1000,00 ... 1705,00 MHz
35
43
—
dB
1705,00 ... 1770,00 MHz
45
57
—
dB
2535,00 ... 2565,00 MHz
25
43
—
dB
2625,00 ... 2655,00 MHz
32
40
—
dB
3500,00 ... 3540,00 MHz
20
24
—
dB
4375,00 ... 4425,00 MHz
15
25
—
dB
5230,00 ... 5310,00 MHz
15
24
—
dB
6125,00 ... 6195,00 MHz
—22
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com