Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRK79892 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRK79892
Description  INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK79892 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRK79892 Datasheet HTML 2Page - Exar Corporation XRK79892 Datasheet HTML 3Page - Exar Corporation XRK79892 Datasheet HTML 4Page - Exar Corporation XRK79892 Datasheet HTML 5Page - Exar Corporation XRK79892 Datasheet HTML 6Page - Exar Corporation XRK79892 Datasheet HTML 7Page - Exar Corporation XRK79892 Datasheet HTML 8Page - Exar Corporation XRK79892 Datasheet HTML 9Page - Exar Corporation XRK79892 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
XRK79892
PRELIMINARY
xr
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
REV. P1.0.1
9
PACKAGE DIMENSIONS
Note: The control dimension is the millimeter column
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.055
0.063
1.40
1.60
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.012
0.018
0.30
0.45
C
0.004
0.008
0.09
0.20
D
0.346
0.362
8.80
9.20
D1
0.272
0.280
6.90
7.10
e
0.0315 BSC
0.80 BSC
L
0.018
0.030
0.45
0.75
α
0
°
7
°
0
°
7
°
32 LEAD THIN QUAD FLAT PACK
(7 x 7 x 1.4 mm TQFP)
rev. 2.00
24
17
16
9
18
25
32
D
D
1
D
D
1
B
e
α
A
2
A
1
A
Seating Plane
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com