Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7801 Datasheet(PDF) 3 Page - EPCOS

Part # B7801
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7801 Datasheet(HTML) 3 Page - EPCOS

  B7801 Datasheet HTML 1Page - EPCOS B7801 Datasheet HTML 2Page - EPCOS B7801 Datasheet HTML 3Page - EPCOS B7801 Datasheet HTML 4Page - EPCOS B7801 Datasheet HTML 5Page - EPCOS B7801 Datasheet HTML 6Page - EPCOS B7801 Datasheet HTML 7Page - EPCOS B7801 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 07, 2002
SAW Components
B7801
1960,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25 +- 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
...1990,0
MHz
—
3,1
3,7
dB
Amplitude ripple (p-p)
∆α
1930,0
...1990,0
MHz
—
1,2
1,8
dB
Input VSWR
1930,0
...1990,0
MHz
—
1,7
2,0
Output VSWR
1930,0
...1990,0
MHz
—
1,7
2,0
Attenuation
α
10,0
...1500,0
MHz
19,0
21,0
—
dB
1500,0
...1830,0
MHz
23,0
27,0
—
dB
1830,0
...1910,0
MHz
17,0
22,0
—
dB
2030,0
...2070,0
MHz
15,0
28,0
—
dB
2070,0
...2800,0
MHz
21,0
23,0
—
dB
3000,0
...6000,0
MHz
16,0
18,0
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com