Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA560K Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPA560K
Description  22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA560K Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPA560K Datasheet HTML 1Page - Solid States Devices, Inc SPA560K Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPA560 __ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└ Lead Bend __ = Straight Leads
UB = Up Bend
DB = Down Bend
└ Voltage/Family J = 600 V
K = 800 V
M = 1000 V
SPA560 Series
22A / 600-1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
ULTRA FAST – 70 ns
Features:
• Higher Blocking Voltage Available. Contact Factory.
• Average Output Current 22 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (0.89 x 0.89 x 0.39”)
• TX and TXV & S Level Screening Available
• Superior Replacement for Sensitron S455DC, S455FC, &
S455GC
• Standard, Fast, & Hyper Fast Versions Available.
Contact Factory.
Maximum Ratings
3/
Symbol
Value
Units
Peak Inverse Voltage
SPA560J
SPA560K
SPA560M
PIV
600
800
1000
Volts
Average Rectified Output Current
(TC = Case Temperature)
TC = 55°C
TC = 100°C
IO1
IO2
22
15
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on Rated Load)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
1.25
ºC/W
Notes:
SPA560
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Maximum Ratings/Electrical
Characteristics @25ºC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0091A
DOC


Similar Part No. - SPA560K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SPA560M06R CDE-SPA560M06R Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
SPA560M06R CDE-SPA560M06R Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
More results

Similar Description - SPA560K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167HC SSDI-SDA167HC Datasheet
45Kb / 2P
33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA667 SSDI-SDA667 Datasheet
40Kb / 2P
40A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY 250 NS MAX
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA116 SSDI-SDA116 Datasheet
45Kb / 2P
25A / 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA628 SSDI-SDA628_1 Datasheet
39Kb / 2P
ULTRA FAST SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
logo
Naina Semiconductor ltd...
MDS70 NAINA-MDS70 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 70 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com