Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2103P Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2103P
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2103P Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2103P Datasheet HTML 2Page - RF Micro Devices RF2103P Datasheet HTML 3Page - RF Micro Devices RF2103P Datasheet HTML 4Page - RF Micro Devices RF2103P Datasheet HTML 5Page - RF Micro Devices RF2103P Datasheet HTML 6Page - RF Micro Devices RF2103P Datasheet HTML 7Page - RF Micro Devices RF2103P Datasheet HTML 8Page - RF Micro Devices RF2103P Datasheet HTML 9Page - RF Micro Devices RF2103P Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2-15
RF2103P
Rev B2 060202
Pout vs. Vb
Vcc=3.6 V, Pin=0 dBm, 915 MHz
-30
-20
-10
0
10
20
30
0.0
1.0
2.0
3.0
4.0
5.0
Vb (Volts)
+25°C
-40°C
+85°C
Efficiency vs. Vb
Vcc=3.6 V, Pin=0 dBm, 915 MHz
0
15
30
45
60
75
0.01.0
2.03.0
4.05.0
Vb (Volts)
+25°C
-40°C
+85°C
Pout vs. Vb
Vcc=4.8 V, Pin=0 dBm, 915 MHz
-30
-20
-10
0
10
20
30
0.0
1.0
2.0
3.0
4.0
5.0
Vb (Volts)
+25°C
-40°C
+85°C
Efficiency vs. Vb
Vcc=4.8 V, Pin=0 dBm, 915 MHz
0
15
30
45
60
75
0.01.0
2.03.0
4.05.0
Vb (Volts)
+25°C
-40°C
+85°C
Pout vs. Vb
Vcc=6.0 V, Pin=0 dBm, 915 MHz
-30
-20
-10
0
10
20
30
0.0
1.0
2.0
3.0
4.0
5.0
Vb (Volts)
+25°C
-40°C
+85°C
Efficiency vs. Vb
Vcc=6.0 V, Pin=0 dBm, 915 MHz
0
15
30
45
60
75
0.01.0
2.03.0
4.05.0
Vb (Volts)
+25°C
-40°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com