Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP481 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP481
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP481 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP481 Datasheet HTML 2Page - Sipex Corporation SP481 Datasheet HTML 3Page - Sipex Corporation SP481 Datasheet HTML 4Page - Sipex Corporation SP481 Datasheet HTML 5Page - Sipex Corporation SP481 Datasheet HTML 6Page - Sipex Corporation SP481 Datasheet HTML 7Page - Sipex Corporation SP481 Datasheet HTML 8Page - Sipex Corporation SP481 Datasheet HTML 9Page - Sipex Corporation SP481 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Rev. 07/28/04
SP481/483/485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
A
A1
A2
SIDE VIEW
Seating Plane
SECTION B-B
WITH PLATING
SYMBOL
MIN
NOM
MAX
A
1.35
-
1.75
A1
0.1
-
0.25
A2
1.25
-
1.65
b
0.31
-
0.51
c
0.17
-
0.24
D
E
E1
e
L
0.4
-
1.27
L1
L2
ø
-
ø1
-
15º
Note: Dimensions in (mm)
8 Pin NSOIC JEDEC MO-012 (AA) Variation
4.90 BSC
6.00 BSC
3.90 BSC
1.27 BSC
1.04 REF
0.25 BSC
Gauge Plane
L1
L
Ø
Ø1
Ø
Seating Plane
L2
VIEW C
TOP VIEW
b
SEE VIEW C
B
B
E
E/2
E1
INDEX AREA
(D/2 X E1/2)
E1/2
D
1
e
c
BASE METAL
b
PACKAGE: 8 PIN NSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com