Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDRMFSMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDRMFSMS
Description  9.0 AMPS 600 - 1000 VOLTS 250 ns typical FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDRMFSMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDRMFSMS Datasheet HTML 1Page - Solid States Devices, Inc SDRMFSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR9
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
ASMS = SMS with .145/.155” End Tab Size
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
JF = 600V
KF = 800V
MF = 1000V
SDR9JF thru SDR9MF
and
SDRJFSMS thru SDRMFSMS
Series
9.0 AMPS
600 ─ 1000 VOLTS
250 ns typical FAST RECOVERY
RECTIFIER
FEATURES:
•
Fast Reverse Recovery: 250ns Maximum 4/
•
PIV to 1000 Volts
•
Hermetically Sealed
•
Low Reverse Leakage Current
•
Single Chip Construction
•
Replaces Larger DO-4 Rectifiers
•
Low Thermal Resistance
•
Available in Axial & Square Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
• Ultra Fast and Hyper Fast Recovery Versions
Available- Contact Factory
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SDR9JF & SDR9JFSMS
SDR9KF & SDR9KFSMS
SDR9MF & SDR9MFSMS
VRRM
VRWM
VR
600
800
1000
Volts
Average Rectified Forward Current (Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
9.0
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
150
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
8
4
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0056C
DOC


Similar Part No. - SDRMFSMS

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR 3M-SDR Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
CUI INC
SDR CUI-SDR Datasheet
149Kb / 3P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDR CUID-SDR Datasheet
225Kb / 3P
STANDARD DIN CONNECTOR
08/05/2022
logo
3M Electronics
SDR-0 3M-SDR-0 Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-0-9 3M-SDR-0-9 Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
More results

Similar Description - SDRMFSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
S6189F6 SSDI-S6189F6 Datasheet
30Kb / 2P
9 AMP 600 - 1000 VOLTS FAST RECOVERY RECTIFIER
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR9600S10 SSDI-SDR9600S10 Datasheet
201Kb / 2P
600 AMPS 1000 - 2000 VOLTS 25 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
100 amps ultra fast recovery rectifier 400-1000 volts
SDR10D SSDI-SDR10D Datasheet
188Kb / 2P
10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
logo
Powerex Power Semicondu...
QRS061K001 POWEREX-QRS061K001 Datasheet
237Kb / 3P
600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com