Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2376 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2376
Description  CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2376 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2376 Datasheet HTML 1Page - RF Micro Devices RF2376 Datasheet HTML 2Page - RF Micro Devices RF2376 Datasheet HTML 3Page - RF Micro Devices RF2376 Datasheet HTML 4Page - RF Micro Devices RF2376 Datasheet HTML 5Page - RF Micro Devices RF2376 Datasheet HTML 6Page - RF Micro Devices RF2376 Datasheet HTML 7Page - RF Micro Devices RF2376 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-423
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
6
5
4
VCC
GND
RF IN
RF OUT
GND
GC
ATTEN
RF2376
CELLULAR TDMA/CDMA LINEAR
VARIABLE GAIN AMPLIFIER
• CDMA Cellular Handsets
• TDMA Cellular Handsets
The RF2376 is a linear variable gain amplifier suitable for
use in TDMA and CDMA systems in the cellular band.
The features of this device include linear gain control,
high gain, and low noise figure. The IC is manufactured
on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (GaAs HBT) process and is featured in an
industry-standard miniature 6-lead plastic SOT package.
• 50dB Linear Gain Control Range
• 27dB Maximum Gain
• Single 2.7V to 3.3V Supply
• 30mA Supply Current
• High Linearity
• 7dB Noise Figure
RF2376
Cellular TDMA/CDMA Linear Variable Gain Amplifier
RF2376 PCBA
Fully Assembled Evaluation Board
0
Rev A2 010829
0.10
MAX.
0.90
0.70
1.30
1.00
1.90
3.10
2.70
0.50
0.35
3.00
2.60
1.80
1.40
9°
1°
0.25
0.10
0.37 MIN.
Shaded lead is pin 1.
Dimensions in mm.
*When Pin 1 is in upper left,
text reads downward
(as shown).
Package Style: SOT23-6
Preliminary


Similar Part No. - RF2376

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376PCBA RFMD-RF2376PCBA Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376PCBA RFMD-RF2376PCBA Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2376

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
RF Micro Devices
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com