Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP526 Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP526_06 Datasheet HTML 16Page - Sipex Corporation SP526_06 Datasheet HTML 17Page - Sipex Corporation SP526_06 Datasheet HTML 18Page - Sipex Corporation SP526_06 Datasheet HTML 19Page - Sipex Corporation SP526_06 Datasheet HTML 20Page - Sipex Corporation SP526_06 Datasheet HTML 21Page - Sipex Corporation SP526_06 Datasheet HTML 22Page - Sipex Corporation SP526_06 Datasheet HTML 23Page - Sipex Corporation SP526_06 Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
PACKAGE:44 PIN LQFP
44 PIN LQFP
L
11° - 13°
0° Min
11° - 13°
0°–7°
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
e
E
E1
N
44–PIN LQFP
JEDEC MS-026
(BCB) Variation
MIN
NOM
MAX
1.60
0.05
0.15
1.35
1.40
1.45
0.30
0.37
0.50
12.00 BSC
10.00 BSC
0.80 BSC
12.00 BSC
10.00 BSC
44
c
L1
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c
0.11
23.00
L
0.73
0.88
1.03
L1
0.25 BASIC
b
e
A2
0.2 RAD. MAX.
0.08 RAD. MIN.
Seating
Plane
A1
A
A
E1
D1
D
CL
CL
-D-
Pin 1
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com