Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

692A Datasheet(PDF) 12 Page - Sipex Corporation

Part # 692A
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

692A Datasheet(HTML) 12 Page - Sipex Corporation

Back Button 692A Datasheet HTML 8Page - Sipex Corporation 692A Datasheet HTML 9Page - Sipex Corporation 692A Datasheet HTML 10Page - Sipex Corporation 692A Datasheet HTML 11Page - Sipex Corporation 692A Datasheet HTML 12Page - Sipex Corporation 692A Datasheet HTML 13Page - Sipex Corporation 692A Datasheet HTML 14Page - Sipex Corporation 692A Datasheet HTML 15Page - Sipex Corporation 692A Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
12
Allowable Backup Power-Source
Batteries
Lithium batteries work very well as backup
batteries due to very low self-discharge rate and
high energy density. Single lithium batteries
with open-circuit voltages of 3.0V to 3.6V are
ideal. Any battery with an open-circuit voltage
less than the minimum reset threshold plus 0.3V
can be connected directly to the V
BATT input of
this series with no additional circuitry; see
FIGURE 12. However, batteries with open-
circuit voltages that are greater than this value
cannot be used for backup, as current is sourced
into V
OUT through the diode (D1 in Figure 13)
when V
CC is close to the reset threshold.
Operation Without a Backup Power
Source
If a backup power source is not used, ground
V
BATT and connect VOUT to VCC. Since there is
no need to switch over to any backup power
source, V
OUT does not need to be switched. A
direct connection to V
CC eliminates any voltage
drops across the switch which may push V
OUT
below V
CC.
Replacing the Backup Battery
The backup battery can be removed while V
CC
remains valid, without danger of triggering
RESET/RESET. As long as V
CC stays above the
reset threshold, battery-backup mode cannot be
entered.
Adding Hysteresis to the Power-Fail
Comparator
Hysteresis adds a noise margin to the power-fail
comparator and prevents repeated triggering of
PFO when V
IN is close to its trip point. Figure 18
shows how to add hysteresis to the power-fail
comparator. Select the ratio of R
1 and R2 such
that PFI sees 1.25V when V
IN falls to its trip
point (V
TRIP).
R
3 adds the hysteresis.
It will
typically be an order of magnitude greater (about
10 times) than R
1 or R2. The current through R1
and R
2 should be at least 1µA to ensure that the
25nA (max) PFI input current does not shift the
trip point. R
3 should be larger than 10KΩ so it
does not load down the PFO pin. Capacitor C1
adds additional noise rejection.
Monitoring a Negative Voltage
The power-fail comparator can be used to monitor
a negative supply rail using the circuit of Figure
19. When the negative rail is valid, PFO is low.
When the negative supply voltage drops, PFO
goes high.
This circuit's accuracy is
affected by the PFI threshold tolerance, the V
CC
voltage, and the resistors, R1 and R2.
Figure 18. Adding Hysteresis to the POWER-FAIL
Comparator
PFI
PFO
R3
*C1
R2
R1
VIN
connect to µP
VCC
+5V
GND
PFO
VIN
+5V
VL
VH
VTRIP
0V
0V
*optional
VTRIP =
R2
R1 + R2
VH =
R2 || R3
R1 + R2 || R3
1.25
R2
=
VL - 1.25
R1
5.0 - 1.25
R3
+
1.25
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com