Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3203E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203E Datasheet(HTML) 1 Page - Sipex Corporation

  SP3203E Datasheet HTML 1Page - Sipex Corporation SP3203E Datasheet HTML 2Page - Sipex Corporation SP3203E Datasheet HTML 3Page - Sipex Corporation SP3203E Datasheet HTML 4Page - Sipex Corporation SP3203E Datasheet HTML 5Page - Sipex Corporation SP3203E Datasheet HTML 6Page - Sipex Corporation SP3203E Datasheet HTML 7Page - Sipex Corporation SP3203E Datasheet HTML 8Page - Sipex Corporation SP3203E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Date: 03/01/05
SP3203E, 3V RS232 Serial Transceiver with Logic Selector and 15kV ESD
© Copyright 2005 Sipex Corporation
3V RS-232 Serial Transceiver with Logic
Selector and15kV ESD Protection
The SP3203E provides a RS-232 transceiver solution for portable and hand-held applica-
tions such as palmtops, PDA's and cell phones. The SP3203E uses an internal high-
efficiency, charge-pump that requires only 0.1µF capacitors during 3.3V operation. This
charge pump and Sipex's driver architecture allow the SP3203E to deliver compliant RS-232
performance from a single power supply ranging from +3.0V to +5.5V.
The SP3203E is a 3-driver/2-receiver device, with a unique V
L pin to program the TTL input
and output logic levels to allow interoperation in mixed-logic voltage systems such as PDA's
and cell phones. Receiver outputs will not exceed V
L for VOH and transmitter input logic levels
are scaled by the magnitude of the V
L input.
■ 3 Driver/ 2 Receiver Architecture
■ Logic selector function (V
L) sets TTL
input/output levels for mixed logic
systems
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a
+2.7V power source
■ Minimum 250Kbps data rate under load
■ Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
■ Enhanced ESD Specifications:
+15KV Human Body Model
+15KV IEC1000-4-2 Air Discharge
+8KV IEC1000-4-2 Contact Discharge
DESCRIPTION
■ Applications
■ Palmtops
■ Cell phone Data Cables
■ PDA's
SP3203E
®
Now Available in Lead Free Packaging
T1IN
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHUTDOWN
V+
C1+
GND
VCC
8
9
10
11
12
13
T3IN
R2OUT
T2IN
R1OUT
VL
SP3203E
C1-
C2+
C2-
V-
T1OUT
T2OUT
T3OUT
R1IN
R2IN
FEATURES


Similar Part No. - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver
logo
Sipex Corporation
SP3203ECY SIPEX-SP3203ECY Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Sipex Corporation
SP3203EEY SIPEX-SP3203EEY Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
More results

Similar Description - SP3203E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
SP3203E SIPEX-SP3203E Datasheet
509Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
logo
Texas Instruments
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Advantech Co., Ltd.
USB-4604B ADVANTECH-USB-4604B Datasheet
527Kb / 1P
4-port RS-232 Serial to USB Converter with ESD Surge Protection
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Exar Corporation
SP3203ECY-L EXAR-SP3203ECY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Exar Corporation
SP3203EEY-L EXAR-SP3203EEY-L Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com