Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD5415 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5415
Description  3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5415 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5415 Datasheet HTML 1Page - Solid States Devices, Inc SPD5415 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
MIN
MAX
Forward Voltage
IF = 1.5 Adc
IF = 9 Adc, 300 µs Pulse
IF = 0.5 Adc, TA = -55°C
VF1
VF2
VF3
0.5
0.6
0.5
1.2
1.5
1.4
Vdc
Breakdown Voltage
(IR = 50 µAdc)
SPD5415
SPD5416
SPD5417
SPD5418
SPD5419
SPD5420
V(BR)
55
110
220
440
550
660
Vdc
Maximum Reverse Leakage Current
(Rated VR, TA = 25°C)
(SPD5415 thru 5417- Rated VR, TA = 100°C)
(SPD5418 thru 5420- Rated VR, TA = 100°C)
IR1
IR2
IR3
1.0
20
30
µA
Junction Capacitance
(VR = 4 Vdc, 100KHz ≤ f ≤ 1MHz)
CJ
120
pF
Maximum Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA)
SPD5415 thru SPD5418
SPD5419
SPD5420
trr
150
250
400
ns
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ These ratings are typical for PC boards where thermal resistance from mounting point to ambient is sufficiently controlled where
TJ(MAX) is not exceeded. For 3.0 Amps at TA = 55°C, derate linearly at 22 mA for 55°C ≤ TA ≤ 100°C. For 2.0 Amps at TA = 100°C,
derate linearly at 25 mA for 100°C ≤ TA ≤ 175°C.
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
.140
.180
A
.170
.180
B
.190
.260
B
.240
.300
C
.037
.042
C
.023
.028
D
.90
1.30
D
.002
---
AXIAL
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5415 thru SPD5420
and
SPD5415SMS thru SPD5420SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0106A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com