Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2489 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices RF2489 Datasheet HTML 10Page - RF Micro Devices RF2489 Datasheet HTML 11Page - RF Micro Devices RF2489 Datasheet HTML 12Page - RF Micro Devices RF2489 Datasheet HTML 13Page - RF Micro Devices RF2489 Datasheet HTML 14Page - RF Micro Devices RF2489 Datasheet HTML 15Page - RF Micro Devices RF2489 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
-C-
SEATING
PLANE
0.05
0.00
0.70
0.65
0.90
0.85
0.05 C
12°
MAX
NOTES:
1. Shaded lead is Pin 1.
Dimension applies to plated terminal:
to be measured between 0.20 mm and 0.25 mm
from terminal end.
2
PIN 1 ID
0.20 R
0.60
0.24
TYP
0.50
0.30
0.50
0.10
C AB
M
0.30
0.18
2
3.25
2.95
SQ.
2 PLCS
0.10 C B
2 PLCS
0.10 C B
-A-
2 PLCS
0.10 C A
2.50 TYP
5.00 SQ.
-B-
2.37 TYP
4.75 SQ.
2 PLCS
0.10 C A
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com