Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2514 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2514 Datasheet HTML 6Page - RF Micro Devices RF2514 Datasheet HTML 7Page - RF Micro Devices RF2514 Datasheet HTML 8Page - RF Micro Devices RF2514 Datasheet HTML 9Page - RF Micro Devices RF2514 Datasheet HTML 10Page - RF Micro Devices RF2514 Datasheet HTML 11Page - RF Micro Devices RF2514 Datasheet HTML 12Page - RF Micro Devices RF2514 Datasheet HTML 13Page - RF Micro Devices RF2514 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
11-50
RF2514
Rev A5 040115
Evaluation Board Schematic
915MHz
1
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
L2
15 nH
C14
1.5 pF
C15
5 pF
L3
10 nH
C16
4 pF
50
Ω μstrip
C17*
J1
TX OUT
C12
0.1 uF
C13*
VCC
R8
6.2 k
Ω
C11
10 nF
R7
3.9 k
Ω
50
Ω μstrip
J2
MOD IN
C9
10 nF
C10
10 nF
R6
10
Ω
VCC
FLAG
L1
18 nH
R4
1.5 k
Ω
C7
0.1 uF
VCC
C8*
*Components not populated on PCB.
R3
22 k
Ω
C5
7 pF
C6
100 pF
C4
1 nF
R2
0
Ω
R1
0
Ω
VCC
C3
68 pF
X1
14.318 MHz
C2
33 pF
C1
3 - 10 pF
2514401-
R5*
1.5 k
Ω
P1-3
VCC
GND, DGND
P1-2
PD
P1
1
2
3
CON3
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com